Part Number Hot Search : 
1N6263 MC10H642 LVCH16 1001S SF2N5575 RB751 TC5514 CSMC550
Product Description
Full Text Search
 

To Download TSC5304D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSC5304D
High Voltage NPN Transistor with Diode
TO-251 (IPAK) TO-252 (DPAK)
Pin Definition: 1. Base 2. Collector 3. Emitter
PRODUCT SUMMARY
BVCEO BVCBO IC VCE(SAT) 400V 700V 4A 1.5V @ IC / IB = 4A / 1A
Features
Build-in Free-wheeling Diode Makes Efficient Antisaturation Operation No Need to Interest an hfe Value Because of Low Variable Storage-time Spread Even Though Comer Spirit Product. Low Base Drive Requirement Suitable for Half Bridge Light Ballast Application
Block Diagram
Structure
Silicon Triple Diffused Type NPN Silicon Transistor Integrated Anti-parallel Collector-Emitter Diode
Ordering Information
Part No.
TSC5304DCP RO TSC5304DCH C5
Package
TO-252 TO-251
Packing
2.5Kpcs / 13" Reel 75pcs / Tube
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage @ VBE=0V Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Peak Current (tp <5ms) Base Current Base Peak Current (tp <5ms) Power Total Dissipation @ Tc=25C Maximum Operating Junction Temperature Storage Temperature Range
Symbol
VCBO VCES VCEO VEBO IC ICM IB IBM PDTOT TJ TSTG
Limit
700 700 400 9 4 8 2 4 35 +150 -55 to +150
Unit
V V V V A A A A W
o o
C C
1/6
Version: C08
TSC5304D
High Voltage NPN Transistor with Diode
Thermal Performance
Parameter
Thermal Resistance - Junction to Case Thermal Resistance - Junction to Ambient
Symbol
RJC RJA
Limit
3.57 68
Unit
o o
C/W C/W
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Static Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current IC =1mA, IB =0 IC =10mA, IE =0 IE =1mA, IC =0 VCB =700V, IE =0 VCE =400V, IB =0 VEB =7V, IC =0 IC =0.5A, IB =0.1A Collector-Emitter Saturation Voltage IC =1A, IB =0.2A IC =2.5A, IB =0.5A IC =4A, IB =1A Base-Emitter Saturation Voltage IC =1A, IB =0.2A IC =2A, IB =0.5A VCE =5V, IC =10mA DC Current Gain Forward Voltage Drop Turn On Time Storage Time VCE =5V, IC =1A VCE =5V, IC =2A IF =2A VCC =250V, IC =1A, IB1=IB2=0.2A, tp=25uS Vf tON tSTG tf Hfe BVCBO BVCEO BVEBO ICBO ICEO IEBO VCE(SAT)1 VCE(SAT)2 VCE(SAT)3 VCE(SAT)4 VBE(SAT)1 VBE(SAT)2 700 400 9 ---------10 17 12 ----------0.25 0.5 1.2 0.5 ------0.2 3.0 0.2 ---100 250 10 0.7 1 1.5 -1.1 1.2 -27 32 2 0.6 4.5 0.3 V uS uS uS V V V V V uA uA uA
Conditions
Symbol
Min
Typ
Max
Unit
Duty Cycle<1% Fall Time Notes: Pulsed duration =380uS, duty cycle 2%
2/6
Version: C08
TSC5304D
High Voltage NPN Transistor with Diode
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Figure 1. Static Characteristics Figure 2. DC Current Gain
Figure 3. Vce(sat) v.s. Vbe(sat)
Figure 4. Power Derating
Figure 5. Reverse Bias SOA
Figure 6. Safety Operating Area
3/6
Version: C08
TSC5304D
High Voltage NPN Transistor with Diode
SOT-252 Mechanical Drawing
DIM A A1 B C D E F G G1 G2 H I J K L M
TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.290 BSC 0.090 BSC 4.600 BSC 0.180 BSC 7.000 7.200 0.275 0.283 6.000 6.200 0.236 0.244 6.400 6.604 0.252 0.260 2.210 2.387 0.087 0.094 0.010 0.127 0.000 0.005 5.232 5.436 0.206 0.214 0.814 0.889 0.032 0.035 0.814 0.889 0.032 0.035 0.508 REF 0.020 REF 0.900 1.500 0.035 0.059 2.743 REF 0.108 REF 0.660 0.094 0.026 0.037 1.397 1.651 0.055 0.065 1.100 REF 0.043 REF
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code

4/6 Version: C08
TSC5304D
High Voltage NPN Transistor with Diode
SOT-251 Mechanical Drawing
DIM A A1 b b1 b2 C C1 D E e L L1 L2 L3
TO-251 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 2.190 2.380 0.0862 0.0937 0.890 1.140 0.0350 0.0449 0.640 0.890 0.0252 0.0350 0.760 1.140 0.0299 0.0449 5.210 5.460 0.2051 0.2150 0.460 0.580 0.0181 0.0228 0.460 0.580 0.0181 0.0228 5.970 6.100 0.2350 0.2402 6.350 6.730 0.2500 0.2650 2.280 BSC 0.0898 BSC 8.890 9.650 0.3500 0.3799 1.910 2.280 0.0752 0.0898 0.890 1.270 0.0350 0.0500 1.150 1.520 0.0453 0.0598
Marking Diagram
Y = Year Code M = Month Code (A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep, J=Oct, K=Nov, L=Dec) L = Lot Code
5/6
Version: C08
TSC5304D
High Voltage NPN Transistor with Diode

Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: C08


▲Up To Search▲   

 
Price & Availability of TSC5304D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X